PART |
Description |
Maker |
M36W216TI-ZAT M36W216BIZA M36W216TIZA M36W216TI70Z |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体兆位128KB的x16的SRAM,多个存储产 16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16兆x16插槽,开机区块快闪记忆体2兆位128KB的x16的SRAM,多个存储产 PV76L14-18P
|
http:// STMicroelectronics N.V. 意法半导
|
M36DR432AD M36DR432AD10ZA6T M36DR432AD12ZA6T M36DR |
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M36W432TG70ZA1T M36W432TG85ZA6T M36W432TG-ZAT M36W |
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
|
意法半导
|
M29F200T-55M1R M29F200T-55M3R M29F200T-55N1R M29F2 |
Single SVS For 3.3V Systems W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 125 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16 / Boot Block Single Supply Flash Memory Single 2-Input Positive-NOR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-OR Gate 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位256Kb x828KB的x16插槽,启动座单电源闪 Single 2-Input Positive-NOR Gate 5-SOT -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Inverter Buffer/Driver with Open-Drain Output 5-SOT-23 -40 to 85 2兆位56Kb x828KB的x16插槽,启动座单电源闪 CONNECTOR ACCESSORY 连接器附 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory 2兆位56Kb x828KB的x16插槽,启动座单电源闪 Single Positive-Edge-Triggered D-Type Flip-Flop with Clear and Preset 8-US8 -40 to 85 Single Positive-Edge-Triggered D-Type Flip-Flop 5-SOT-23 -40 to 85 Micropower Supply Voltage Supervisor 8-TSSOP Adjustable Single SVS W/Programmable Time Delay 8-PDIP -40 to 85 Adjustable Single SVS W/Programmable Time Delay 8-TSSOP -40 to 85 Single SVS For 3.3V Systems W/Programmable Time Delay 8-TSSOP Single SVS For 3.3V Systems W/Programmable Time Delay 8-SOIC -40 to 85 Micropower Supply Voltage Supervisor 8-PDIP -40 to 85 Single Power SVS (5v) W/Pgmmable Time Delay & Push-Pull Outputs 8-CDIP -55 to 125 16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Single 2-Input Positive-NAND Gate 5-SC70 -40 to 85 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP 20-SOIC 0 to 70 8-Bit, 0.1 us Dual MDAC, Parallel Input, Fast Control Signalling for DSP, Easy Micro I/F 20-PDIP -25 to 85
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
M29W400DT45N1 M29W400DT45N6E M29W400DT55M1 M29W400 |
4 MBIT (512KB X8 OR 256KB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY
|
ST Microelectronics
|
M28R400C-ZBU M28R400CB90ZB1T M28R400CB90ZB6T M28R4 |
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory 4兆位56Kb的x16插槽,引导块.8V电源快闪记忆
|
http:// ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M27C1024-10XF7 M27C1024-12XF7 M27C1024-15XF7 M27C1 |
1-Mbit (64Kb x16) UV EPROM, 100ns 1-Mbit (64Kb x16) UV EPROM, 120ns 1-Mbit (64Kb x16) UV EPROM, 150ns 1-Mbit (64Kb x16) UV EPROM, 200ns 1-Mbit (64Kb x16) UV EPROM, 35ns 1-Mbit (64Kb x16) UV EPROM, 45ns 1-Mbit (64Kb x16) UV EPROM, 55ns 1-Mbit (64Kb x16) UV EPROM, 70ns 1-Mbit (64Kb x16) UV EPROM, 80ns 1-Mbit (64Kb x16) UV EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 120ns 1-Mbit (64Kb x16) OTP EPROM, 70ns 1-Mbit (64Kb x16) OTP EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 55ns 1-Mbit (64Kb x16) OTP EPROM, 45ns 1-Mbit (64Kb x16) OTP EPROM, 35ns 1-Mbit (64Kb x16) OTP EPROM, 150ns 1-Mbit (64Kb x16) OTP EPROM, 100ns
|
SGS Thomson Microelectronics
|
M27V402 |
NND - 4 MBIT (256KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|